Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32520 Datasheet (PDF) - EPCOS

B32520 Datasheet PDF - EPCOS
Part # B32520
Download  B32520 Download
File Size   1004.62 Kbytes
Page   44 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Metallized Polyester Film Capacitors (MKT)

B32520 Datasheet (PDF)

Go To PDF Page Download Datasheet
B32520 Datasheet PDF - EPCOS

Part # B32520
Download  B32520 Click to download

File Size   1004.62 Kbytes
Page   44 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Metallized Polyester Film Capacitors (MKT)

B32520 Datasheet (HTML) - EPCOS


B32520 Product details

Typical applications
Blocking
Coupling, decoupling
Bypassing
RFI for automotive

Climatic
Max. operating temperature: 125 °C
Climatic category (IEC 60068-1:2013):
55/125/56

Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology for lead spacing
5 to 15 mm (= code C, D or E in digit 7 of
ordering code)
Wound capacitor technology for lead
spacing 10 to 37.5 mm (= code N, Q or R in
digit 7 of ordering code)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0

Features
High pulse strength
High contact reliability
RoHS-compatible
Halogen-free capacitors available on request
AEC-Q200D compliant

Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request




Similar Part No. - B32520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B32520 SIEMENS-B32520 Datasheet
588Kb / 11P
MKT Capacitors
logo
EPCOS
B32520 EPCOS-B32520 Datasheet
881Kb / 46P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520 EPCOS-B32520 Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32520 EPCOS-B32520 Datasheet
888Kb / 46P
Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Similar Description - B32520

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
Metallized Polyester Film Capacitors (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
Metallized Polyester Film Capacitors (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
Film Capacitors - Metallized Polyester (MKT)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com