Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P01DF Datasheet (PDF) - A POWER MICROELECTRONICS

AP30P01DF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP30P01DF
Download  AP30P01DF Download
File Size   1468.6 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -12V P-Channel Enhancement Mode MOSFET

AP30P01DF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP30P01DF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP30P01DF
Download  AP30P01DF Click to download

File Size   1468.6 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -12V P-Channel Enhancement Mode MOSFET

AP30P01DF Datasheet (HTML) - A POWER MICROELECTRONICS


AP30P01DF Product details

Features
- VDS = -12V ID =-30A
- RDS(ON) < 7.2mΩ @ VGS=-4.5V (Type:5.8mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP30P01DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30P01BF-B APME-AP30P01BF-B Datasheet
900Kb / 7P
-18V P-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP30P01DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com