Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP30P10BD Datasheet (PDF) - A POWER MICROELECTRONICS

AP30P10BD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP30P10BD
Download  AP30P10BD Download
File Size   1450.83 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -100V P-Channel Enhancement Mode MOSFET

AP30P10BD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP30P10BD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP30P10BD
Download  AP30P10BD Click to download

File Size   1450.83 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -100V P-Channel Enhancement Mode MOSFET

AP30P10BD Datasheet (HTML) - A POWER MICROELECTRONICS


AP30P10BD Product details

Features
- VDS = -100V ID =-28A
- RDS(ON) <100mΩ @ VGS=10V (Type:80mΩ)

Applications
- Brushless motor
- Load switch
- Uninterruptible power supply




Similar Part No. - AP30P10BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP30P10D APME-AP30P10D Datasheet
1Mb / 6P
-100V P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP30P10GH-HF A-POWER-AP30P10GH-HF Datasheet
101Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP30P10GH-HF A-POWER-AP30P10GH-HF_14 Datasheet
101Kb / 4P
Simple Drive Requirement
AP30P10GH-HF A-POWER-AP30P10GH-HF_16 Datasheet
54Kb / 5P
Fast Switching Characteristic
AP30P10GI A-POWER-AP30P10GI Datasheet
157Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - AP30P10BD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com