Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40G04GD Datasheet (PDF) - A POWER MICROELECTRONICS

AP40G04GD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP40G04GD
Download  AP40G04GD Download
File Size   1145.13 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NP-Channel Enhancement Mode MOSFET

AP40G04GD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP40G04GD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP40G04GD
Download  AP40G04GD Click to download

File Size   1145.13 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NP-Channel Enhancement Mode MOSFET

AP40G04GD Datasheet (HTML) - A POWER MICROELECTRONICS


AP40G04GD Product details

Features
- VDS =40V ID =48A
- RDS(ON) < 10mΩ @ VGS=10V (Type:8.0mΩ)
- VDS = -40V ID =-43A
- RDS(ON) < 18mΩ @ VGS=-10V (Type:13mΩ)

Applications
- BLDC




Similar Part No. - AP40G04GD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40G04NF APME-AP40G04NF Datasheet
1Mb / 10P
40V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP40G04GD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
logo
DONGGUAN YOU FENG WEI E...
YFW10G04DF YFWDIODE-YFW10G04DF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G04S YFWDIODE-YFW10G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G04S YFWDIODE-YFW6G04S Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G04S YFWDIODE-YFW8G04S Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G04NF YFWDIODE-YFW15G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04GD YFWDIODE-YFW20G04GD Datasheet
2Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G04NF YFWDIODE-YFW20G04NF Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G04GD YFWDIODE-YFW25G04GD Datasheet
1Mb / 8P
40V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com