Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP40N02DF Datasheet (PDF) - A POWER MICROELECTRONICS

AP40N02DF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP40N02DF
Download  AP40N02DF Download
File Size   950.05 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V N-Channel Enhancement Mode MOSFET

AP40N02DF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP40N02DF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP40N02DF
Download  AP40N02DF Click to download

File Size   950.05 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V N-Channel Enhancement Mode MOSFET

AP40N02DF Datasheet (HTML) - A POWER MICROELECTRONICS


AP40N02DF Product details

Features
- VDS = 20V ID =40A
- RDS(ON) < 9mΩ @ VGS=4.5V (Type:7.0mΩ)

Applications
- 3.3V MCU Drive
- Load switch
- Uninterruptible power supply




Similar Part No. - AP40N02DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP40N02NF APME-AP40N02NF Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP40N02DF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com