Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSU2031 Datasheet (PDF) - Mosel Vitelic, Corp

MSU2031 Datasheet PDF - Mosel Vitelic, Corp
Part # MSU2031
Download  MSU2031 Download
File Size   33.31 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 8 - Bit Microcontroller

MSU2031 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSU2031 Datasheet PDF - Mosel Vitelic, Corp

Part # MSU2031
Download  MSU2031 Click to download

File Size   33.31 Kbytes
Page   1 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 8 - Bit Microcontroller

MSU2031 Datasheet (HTML) - Mosel Vitelic, Corp


MSU2031 Product details

Description
The MVI MSU2051 series product is an 8 - bit single chip microcontroller. It provides hardware features and a powerful instruction set, necessary to make it a versatile and cost effective controller for those applications demand up to 32 I/O pins or need up to 64 K byte external memory either for program or for data or mixed.
A serial input / output port is provided for I/O expansion, Inter - processor communications, and full duplex UART.

Features
■ Working voltage : L series at 2.7V through 4.5V while S & C series at 4.5 V through 5.5 V
■ General 80C51 family compatible
■ 64 K byte External Memory Space
■ 4 K byte ROM
■ 128 byte data RAM
■ Two 16 bit Timers/Counters
■ Four 8-bit I/O ports
■ Full duplex serial channel
■ Bit operation instructions
■ Page free jumps
■ 8 - bit Unsigned Division
■ 8 - bit Unsigned Multiply
■ BCD arithmatic
■ Direct Addressing
■ Indirect Addressing
■ Nested Interrupt
■ Two priority level interrupt
■ A serial I/O port
■ Power save modes: Idle mode and Power down mode
■ Working at 16/25/40 MHz Clock




Similar Part No. - MSU2031

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2031C16 MOSEL-MSU2031C16 Datasheet
119Kb / 21P
low working voltage 16 MHz ROM less MCU
MSU2031C25 MOSEL-MSU2031C25 Datasheet
119Kb / 21P
low working voltage 16 MHz ROM less MCU
MSU2031C40 MOSEL-MSU2031C40 Datasheet
119Kb / 21P
low working voltage 16 MHz ROM less MCU
MSU2031L16 MOSEL-MSU2031L16 Datasheet
119Kb / 21P
low working voltage 16 MHz ROM less MCU
MSU2031S16 MOSEL-MSU2031S16 Datasheet
119Kb / 21P
low working voltage 16 MHz ROM less MCU
More results


Similar Description - MSU2031

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com