Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4260E Datasheet (PDF) - Renesas Technology Corp

ISL4260E Datasheet PDF - Renesas Technology Corp
Part # ISL4260E
Download  ISL4260E Download
File Size   304.89 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QFN Packaged, ±15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply

ISL4260E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL4260E Datasheet PDF - Renesas Technology Corp

Part # ISL4260E
Download  ISL4260E Click to download

File Size   304.89 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QFN Packaged, ±15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply

ISL4260E Datasheet (HTML) - Renesas Technology Corp


ISL4260E Product details

• Available in near chip scale QFN (5mmx5mm) package
• VL pin for compatibility with mixed voltage systems
• ESD protection for RS-232 I/O pins to ±15kV (IEC61000)
• Single SHDN pin disables transmitters and receivers
• Meets EIA/TIA-232 and V.28/V.24 specifications at 3V
• On-chip charge pumps require only four external 0.1μF capacitors
• Receiver hysteresis for improved noise immunity
• Very low supply current: 300μA
• Guaranteed minimum data rate: 250kbps
• Wide power supply range: Single +3V to +5.5V
• Low supply current in powerdown state: 150nA
• Pb-free (RoHS compliant)




Similar Part No. - ISL4260E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
June 21, 2010
ISL4260E INTERSIL-ISL4260E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4260EIRZ INTERSIL-ISL4260EIRZ Datasheet
341Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
June 21, 2010
logo
Renesas Technology Corp
ISL4260EIRZ RENESAS-ISL4260EIRZ Datasheet
599Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
More results


Similar Description - ISL4260E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
August 2004
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
April 13, 2007
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
June 21, 2010
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL3241EIRZ INTERSIL-ISL3241EIRZ Datasheet
681Kb / 16P
QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
June 18, 2012
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com