Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL4270E Datasheet (PDF) - Renesas Technology Corp

ISL4270E Datasheet PDF - Renesas Technology Corp
Part # ISL4270E
Download  ISL4270E Download
File Size   352.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QFN Packaged, ±15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply

ISL4270E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL4270E Datasheet PDF - Renesas Technology Corp

Part # ISL4270E
Download  ISL4270E Click to download

File Size   352.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QFN Packaged, ±15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply

ISL4270E Datasheet (HTML) - Renesas Technology Corp


ISL4270E Product details

• Available in near chip scale QFN (5mmx5mm) package
• VL supply pin for compatibility with mixed voltage systems
• ESD protection for RS-232 I/O pins to 15kV (IEC61000)
• Manual and enhanced automatic powerdown features
• Meets EIA/TIA-232 and V.28/V.24 specifications at 3V
• On-chip charge pumps require only four external
0.1μF capacitors
• Receivers stay active in powerdown
• Very low supply current: 300μA
• Guaranteed minimum data rate: 50kbps
• Wide power supply range: single +3V to +5.5V
• Low supply current in powerdown state: 300nA
• Pb-free (RoHS compliant)




Similar Part No. - ISL4270E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
June 16, 2010
ISL4270E INTERSIL-ISL4270E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Intersil Corporation
ISL4270EIRZ INTERSIL-ISL4270EIRZ Datasheet
422Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
June 16, 2010
logo
Renesas Technology Corp
ISL4270EIRZ RENESAS-ISL4270EIRZ Datasheet
704Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Similar Description - ISL4270E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83387 INTERSIL-ISL83387 Datasheet
317Kb / 13P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ISL83387E INTERSIL-ISL83387E_05 Datasheet
315Kb / 13P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
June 16, 2010
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ISL83387EIV INTERSIL-ISL83387EIV Datasheet
318Kb / 13P
/-15kV ESD Protected, 3V to 5.5V,1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
July 8, 2005
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
ISL83387E RENESAS-ISL83387E Datasheet
608Kb / 13P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com