Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP50N05D Datasheet (PDF) - A POWER MICROELECTRONICS

AP50N05D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP50N05D
Download  AP50N05D Download
File Size   978.2 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 50V N-Channel Enhancement Mode MOSFET

AP50N05D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP50N05D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP50N05D
Download  AP50N05D Click to download

File Size   978.2 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 50V N-Channel Enhancement Mode MOSFET

AP50N05D Datasheet (HTML) - A POWER MICROELECTRONICS


AP50N05D Product details

Features
- VDS = 50V ID =50 A
- RDS(ON) < 19mΩ @ VGS=10V

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP50N05D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP50N02DF APME-AP50N02DF Datasheet
658Kb / 7P
20V N-Channel Enhancement Mode MOSFET
AP50N02NF APME-AP50N02NF Datasheet
692Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
AP50N03AD APME-AP50N03AD Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP50N03BF APME-AP50N03BF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP50N03D APME-AP50N03D Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP50N05D

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN002N05Y3 CYSTEKEC-MTN002N05Y3 Datasheet
344Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
BSS138C3 CYSTEKEC-BSS138C3 Datasheet
323Kb / 8P
50V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT5015LFDF DIODES-DMT5015LFDF_15 Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMT5015LFDF DIODES-DMT5015LFDF Datasheet
353Kb / 6P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
BSS138DWK DIODES-BSS138DWK Datasheet
707Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2021
BSS138K DIODES-BSS138K Datasheet
509Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
October 2019
BSS138WQ DIODES-BSS138WQ Datasheet
686Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021
DMN5040LSS DIODES-DMN5040LSS Datasheet
409Kb / 7P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2016 Rev. 1 - 2
DMN52D0LT DIODES-DMN52D0LT Datasheet
698Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 2 - 2
DMN52D0UVA DIODES-DMN52D0UVA Datasheet
588Kb / 8P
50V N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com