Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLE12BC7T Datasheet (PDF) - Rohm

SMLE12BC7T Datasheet PDF - Rohm
Part # SMLE12BC7T
Download  SMLE12BC7T Download
File Size   103.17 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)

SMLE12BC7T Datasheet (PDF)

Go To PDF Page Download Datasheet
SMLE12BC7T Datasheet PDF - Rohm

Part # SMLE12BC7T
Download  SMLE12BC7T Click to download

File Size   103.17 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)

SMLE12BC7T Datasheet (HTML) - Rohm




Similar Part No. - SMLE12BC7T

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLE12BC7T ROHM-SMLE12BC7T Datasheet
1Mb / 4P
EXCELEDTM series
SMLE12BC7T ROHM-SMLE12BC7T Datasheet
1Mb / 4P
EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SMLE12BC7T ROHM-SMLE12BC7T Datasheet
1Mb / 4P
SML-E1 Series
SMLE12BC7TT86 ROHM-SMLE12BC7TT86 Datasheet
1Mb / 4P
SML-E1 Series
More results


Similar Description - SMLE12BC7T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512 ROHM-SML512 Datasheet
105Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
<1.6 0.8 t=0.55mm> Low Current Type
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
Low Current Type(IF 10mA)
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
Low Current Type(IF 10mA)
SML-211DTT86K ROHM-SML-211DTT86K Datasheet
116Kb / 3P
0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com