Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL32483EIBZ Datasheet (PDF) - Renesas Technology Corp

ISL32483EIBZ Datasheet PDF - Renesas Technology Corp
Part # ISL32483EIBZ
Download  ISL32483EIBZ Download
File Size   1010.78 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and ±16.5kV ESD

ISL32483EIBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32483EIBZ Datasheet PDF - Renesas Technology Corp

Part # ISL32483EIBZ
Download  ISL32483EIBZ Click to download

File Size   1010.78 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and ±16.5kV ESD

ISL32483EIBZ Datasheet (HTML) - Renesas Technology Corp


ISL32483EIBZ Product details

• Fault protected RS-485 bus pins . . . . . . . . . . . . . . up to ±60V
• Extended common-mode range. . . . . . . . . . . . . . . . . . . . ±25V
more than twice the range required for RS-485
• ±16.5kV HBM ESD protection on RS-485 bus pins
• Cable invert pins corrects for reversed cable connections
while maintaining Rx full fail-safe functionality
• Full fail-safe (open, short, terminated) RS-485 receivers
• 1/4 Unit Load (UL) for up to 128 devices on the bus
• High Rx IOL for opto-couplers in isolated designs
• Hot plug circuitry: Tx and Rx outputs remain three-state
during power-up/power-down
• Slew rate limited RS-485 data rate . . . . . . . . . . . . . . . 1Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . . . . . . 2.3mA
• Ultra low shutdown supply current. . . . . . . . . . . . . . . . . . 10μA




Similar Part No. - ISL32483EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32483EIBZ INTERSIL-ISL32483EIBZ Datasheet
838Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
January 18, 2011
logo
Renesas Technology Corp
ISL32483EIBZ RENESAS-ISL32483EIBZ Datasheet
983Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results


Similar Description - ISL32483EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
June 25, 2010
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
January 21, 2011
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
January 18, 2011
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
January 18, 2011
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
January 20, 2011
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
March 16, 2012
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com