Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8488E Datasheet (PDF) - Renesas Technology Corp

ISL8488E Datasheet PDF - Renesas Technology Corp
Part # ISL8488E
Download  ISL8488E Download
File Size   950.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers

ISL8488E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8488E Datasheet PDF - Renesas Technology Corp

Part # ISL8488E
Download  ISL8488E Click to download

File Size   950.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers

ISL8488E Datasheet (HTML) - Renesas Technology Corp


ISL8488E Product details

• RS-485 I/O Pin ESD Protection  15kV HBM
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• High Data Rates (ISL8490E, ISL8491E) . . up to 10Mbps
• Slew Rate Limited for Error Free Data Transmission
(ISL8488E, ISL8489E)
• Single Unit Load Allows up to 32 Devices on the Bus
(See ISL4489E, ISL4491E for 256 Devices on Bus)
• Low Quiescent Current:
- 120μA (ISL8488E)
- 140μA (ISL8489E)
- 370μA (ISL8490E, ISL8491E)
• -7V to +12V Common Mode Input Voltage Range
• Three-State Rx and Tx Outputs (Except ISL8488E, ISL8490E)
• Full Duplex Pinout
• Operates from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for Driver
Overload Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL8488E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
-15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 20, 2004
ISL8488E INTERSIL-ISL8488E Datasheet
468Kb / 13P
짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
July 26, 2007
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488EIB INTERSIL-ISL8488EIB Datasheet
526Kb / 13P
-15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 20, 2004
ISL8488EIB INTERSIL-ISL8488EIB Datasheet
468Kb / 13P
짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
July 26, 2007
More results


Similar Description - ISL8488E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4489E INTERSIL-ISL4489E Datasheet
477Kb / 12P
Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 27, 2004
ISL8488E INTERSIL-ISL8488E Datasheet
526Kb / 13P
-15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 20, 2004
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
-15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 5, 2005
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
July 26, 2007
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Intersil Corporation
SL3170E INTERSIL-SL3170E Datasheet
767Kb / 19P
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL3170E RENESAS-ISL3170E_V01 Datasheet
1Mb / 24P
±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Rev.6.05 Sep 29, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com