Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8487EIBZ Datasheet (PDF) - Renesas Technology Corp

ISL8487EIBZ Datasheet PDF - Renesas Technology Corp
Part # ISL8487EIBZ
Download  ISL8487EIBZ Download
File Size   822.0 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers

ISL8487EIBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8487EIBZ Datasheet PDF - Renesas Technology Corp

Part # ISL8487EIBZ
Download  ISL8487EIBZ Click to download

File Size   822.0 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers

ISL8487EIBZ Datasheet (HTML) - Renesas Technology Corp


ISL8487EIBZ Product details

• RS-485 I/O pin ESD protection . . . . . . . . . . . ±15kV HBM
- Class 3 ESD level on all other pins . . . . . . . >7kV HBM
• Fractional unit load allows up to 256 devices on the bus
• Specified for 10% tolerance supplies
• High data rate version (ISL81487E). . . . . . . up to 5Mbps
• Slew rate limited versions for error free data
transmission (ISL8487E, ISL81487L) . . . . .up to 250kbps
• Low current shutdown mode (except ISL81487E) . . . 0.5μA
• Low quiescent supply current:
- ISL8487E, ISL81487L . . . . . . . . . . . 145μA (maximum)
- ISL81487E . . . . . . . . . . . . . . . . . . . . 420μA (maximum)
• -7V to +12V common mode input voltage range
• Three state Rx and Tx outputs
• 30ns propagation delays, 5ns skew (ISL81487E)
• Half duplex pinouts
• Operate from a single +5V supply (10% tolerance)
• Current limiting and thermal shutdown for driver overload protection
• Pin compatible replacements for: MAX487E, (ISL8487E);
LTC1487, ADM1487 (ISL81487L); MAX1487E, ST485ER (ISL81487E)
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL8487EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487EIBZ INTERSIL-ISL8487EIBZ Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
September 15, 2005
ISL8487EIBZ INTERSIL-ISL8487EIBZ Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
Renesas Technology Corp
ISL8487EIBZ RENESAS-ISL8487EIBZ Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487EIBZ-T INTERSIL-ISL8487EIBZ-T Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
September 15, 2005
More results


Similar Description - ISL8487EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
September 15, 2005
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
July 31, 2006
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487 RENESAS-ISL8487 Datasheet
749Kb / 14P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com