Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3757 Datasheet (PDF) - Analog Devices

LT3757 Datasheet PDF - Analog Devices
Part # LT3757_V01
Download  LT3757 Download
File Size   1362.86 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Boost, Flyback, SEPIC and Inverting Controller

LT3757 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3757 Datasheet PDF - Analog Devices

Part # LT3757_V01
Download  LT3757 Click to download

File Size   1362.86 Kbytes
Page   38 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Boost, Flyback, SEPIC and Inverting Controller

LT3757 Datasheet (HTML) - Analog Devices


LT3757 Product details

FEATURES
n Wide Input Voltage Range: 2.9V to 40V
n Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n Current Mode Control Provides Excellent Transient
Response
n Programmable Operating Frequency (100kHz to
1MHz) with One External Resistor
n Synchronizable to an External Clock
n Low Shutdown Current < 1µA
n Internal 7.2V Low Dropout Voltage Regulator
n Programmable Input Undervoltage Lockout with
Hysteresis
n Programmable Soft-Start
n Small 10-Lead DFN (3mm × 3mm) and Thermally
Enhanced 10-Pin MSOP Packages
n AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
n Automotive and Industrial Boost, Flyback, SEPIC and
Inverting Converters
n Telecom Power Supplies
n Portable Electronic Equipment

DESCRIPTION
The LT®3757/LT3757A are wide input range, current
mode, DC/DC controllers which are capable of generating
either positive or negative output voltages. They can be
configured as either a boost, flyback, SEPIC or inverting
converter. The LT3757/LT3757A drive a low side external
N-channel power MOSFET from an internal regulated 7.2V
supply. The fixed frequency, current-mode architecture
results in stable operation over a wide range of supply
and output voltages.
The operating frequency of LT3757/LT3757A can be set
with an external resistor over a 100kHz to 1MHz range,
and can be synchronized to an external clock using the
SYNC pin. A low minimum operating supply voltage of
2.9V, and a low shutdown quiescent current of less than
1µA, make the LT3757/LT3757A ideally suited for batteryoperated systems.
The LT3757/LT3757A feature soft-start and frequency
foldback functions to limit inductor current during startup and output short-circuit. The LT3757A has improved
load transient performance compared to the LT3757.




Similar Part No. - LT3757_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757A LINER-LT3757A Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3757A LINER-LT3757A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT3757A LINER-LT3757A Datasheet
646Kb / 44P
Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT3757A LINER-LT3757A Datasheet
302Kb / 20P
No RSENSE Current Mode Boost DC/DC Controller
More results


Similar Description - LT3757_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com