Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6800AGIS Datasheet (PDF) - Champion Microelectronic Corp.

CM6800AGIS Datasheet PDF - Champion Microelectronic Corp.
Part # CM6800AGIS
Download  CM6800AGIS Download
File Size   518.81 Kbytes
Page   18 Pages
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.
Description LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO

CM6800AGIS Datasheet (PDF)

Go To PDF Page Download Datasheet
CM6800AGIS Datasheet PDF - Champion Microelectronic Corp.

Part # CM6800AGIS
Download  CM6800AGIS Click to download

File Size   518.81 Kbytes
Page   18 Pages
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.
Description LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO

CM6800AGIS Datasheet (HTML) - Champion Microelectronic Corp.


CM6800AGIS Product details

GENERAL DESCRIPTION

The CM6800A is a controller for power factor corrected, switched mode power suppliers. Power Factor Correction (PFC) allows the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching FETs, and results in a power supply that fully compiles with

IEC-1000-3-2 specifications. Intended as a BiCMOS version of the industry-standard ML4824, CM6800A includes circuits for the implementation of leading edge, average current, “boost” type power factor correction and a trailing edge, pulse width modulator (PWM). Gate-driver with 1A capabilities minimizes the need for external driver circuits. Low power requirements improve efficiency and reduce component costs.



FEATURES

Pin to pin compatible with ML4800 and FAN4800

Additional folded-back current limit for PWM section.

23V Bi-CMOS process

VIN OK turn on PWM at 2.25V instead of 1.5V(ML4800).

Internally synchronized leading edge PFC and trailing edge PWM in one IC

Slew rate enhanced transconductance error amplifier for ultra-fast PFC response

Low start-up current (100μA typ.) 

Low operating current (3.0mA type.)

Low total harmonic distortion, high PF

Reduces ripple current in the storage capacitor between the PFC and PWM sections

Average current, continuous or discontinuous boost leading edge PFC

VCC OVP Comparator, Low Power Detect Comparator

PWM configurable for current mode or voltage mode operation

Current fed gain modulator for improved noise immunity

Brown-out control, over-voltage protection, UVLO, and soft start, and Reference OK




Similar Part No. - CM6800AGIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6800AGIS CHAMP-CM6800AGIS Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800AGISTR CHAMP-CM6800AGISTR Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
More results


Similar Description - CM6800AGIS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
Low Startup Current PFC/PWM Controller Combinations
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
Low Start-Up Current PFC/PWM Controller Combos
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com