Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103P010BB100 Datasheet (PDF) - Amphenol Communications Solutions

103P010BB100 Datasheet PDF - Amphenol Communications Solutions
Part # 103P010BB100
Download  103P010BB100 Download
File Size   197.18 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description 0.35 Pitch - 0.60 Stack Height, BTB, 103 Series

103P010BB100 Datasheet (PDF)

Go To PDF Page Download Datasheet
103P010BB100 Datasheet PDF - Amphenol Communications Solutions

Part # 103P010BB100
Download  103P010BB100 Click to download

File Size   197.18 Kbytes
Page   2 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description 0.35 Pitch - 0.60 Stack Height, BTB, 103 Series

103P010BB100 Datasheet (HTML) - Amphenol Communications Solutions


103P010BB100 Product details

FEATURES
■ Low profile connector design with fine pitch
■ Self-cleaning design
■ High current rating up to 5A
■ Double contact points
■ High temperature thermoplastic housing
■ Lead and halogen-free

BENEFITS
■ Suitable for applications that have space constraint
■ High removal and low insertion force
■ Supports high power application requirements
■ Enhanced contact stability
■ Withstands wide operating temperature range (-40°C to 85°C)
■ Meets environmental, health and safety requirements




Similar Part No. - 103P010BB100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
103P VISHAY-103P Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
logo
Exxelia Group
103P EXXELIA-103P Datasheet
947Kb / 6P
Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
logo
Vishay Siliconix
103P102X0600S VISHAY-103P102X0600S Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
103P102X0600T VISHAY-103P102X0600T Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
103P103X0600S VISHAY-103P103X0600S Datasheet
83Kb / 2P
Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
17-Nov-03
More results


Similar Description - 103P010BB100

ManufacturerPart #DatasheetDescription
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
BtB RECEPT
logo
Ningbo Foryard Optoelec...
FYS-6011CX-00 FORYARD-FYS-6011CX-00 Datasheet
384Kb / 5P
0.60 Inch (15.00mm) digit height Single Digit Display
logo
Wurth Elektronik GmbH &...
695405151122 WURTH-695405151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695405150122 WURTH-695405150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695404151122 WURTH-695404151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
695404150122 WURTH-695404150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695403150122 WURTH-695403150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695402150122 WURTH-695402150122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH PLUG HORIZONTAL
695402151122 WURTH-695402151122 Datasheet
1Mb / 4P
BtB 1.50MM PITCH RECEPTACLE HORIZONTAL
logo
AVX Corporation
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
BTB Jumper
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com