Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71920-302LF Datasheet (PDF) - Amphenol Communications Solutions

71920-302LF Datasheet PDF - Amphenol Communications Solutions
Part # 71920-302LF
Download  71920-302LF Download
File Size   939.0 Kbytes
Page   24 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description DUBOX™ SHUNTS

71920-302LF Datasheet (PDF)

Go To PDF Page Download Datasheet
71920-302LF Datasheet PDF - Amphenol Communications Solutions

Part # 71920-302LF
Download  71920-302LF Click to download

File Size   939.0 Kbytes
Page   24 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description DUBOX™ SHUNTS

71920-302LF Datasheet (HTML) - Amphenol Communications Solutions


71920-302LF Product details

FEATURES & BENEFITS
• Dual-beam contacts for added reliability
• Slotted cutout in low profile housing simplifies
electrical testing
• Side-by-side and end-to-end stackable

MATERIALS
• Housing: High temperature, black thermoplastic
• Flammability rating: UL94V-0
• Pin: Phosphor-bronze
• Plating: Gold or tin over 1.27μm (50μin.) nickel

ELECTRICAL PERFORMANCE
• Current rating: 2.5A max. per contact
• Insulation resistance: 50,000MΩ min
• Contact resistance: 15MΩ max. initial,
20MΩ max. after environmental tests
• Dielectric withstanding voltage: 800V

ENVIRONMENTAL
• Operating temperature range: -65°C to +125°C

MECHANICAL PERFORMANCE
• Mating cycles (durability): 50-Gold, 25-Tin
• Insertion force:
• 450gf max. per gold contact
• 500gf max. per tin-lead contact
• Withdrawal force:
• 30gf min. per gold contact
• 30gf min. per tin-lead contact
• Insertion depth:
• 4.85 mm (.191in.) min.
[provides 3.81 mm (.015in.) wipe] - Low profile

SPECIFICATIONS
• File no. E66906
• File no. LR46923
• Product drawing: By 5-digit base part number
• Product specification: BUS-12-071-gold
BUS-12-070-tin

APPROVALS AND CERTIFICATIONS
• This product is RoHS compatible according
to the European Union Directive 2002/95/IEC

PACKAGING
• Plastic bags




Similar Part No. - 71920-302LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
71920-302HLF FCI-CONNECTOR-71920-302HLF Datasheet
81Kb / 2P
BtB RECEPT VERT SR SMT
More results


Similar Description - 71920-302LF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SHD1-100C075DE OHMITE-SHD1-100C075DE Datasheet
361Kb / 2P
High Current Shunts
logo
Major League Electronic...
SH-1 MAJOR-LEAGUE-SH-1 Datasheet
101Kb / 2P
.100 cl Shunts
SH-2 MAJOR-LEAGUE-SH-2 Datasheet
318Kb / 2P
.079 cl Shunts
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
List of Unclassifed Man...
FH-80-50 ETC2-FH-80-50 Datasheet
39Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
logo
Ohmite Mfg. Co.
S-SERIES OHMITE-S-SERIES Datasheet
502Kb / 2P
High Current Shunts
logo
Riedon Powertron
RSN-20-50B RIEDON-RSN-20-50B Datasheet
166Kb / 3P
DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
DC Current Shunts
October 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com