Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX400 Datasheet (PDF) - Semtech Corporation

RX400 Datasheet PDF - Semtech Corporation
Part # RX400
Download  RX400 Download
File Size   736.19 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low-Power 5G RedCap and Wi-Fi 6 Connectivity in an Ultra-Rugged and Compact Router for Remote Assets Operating in Harsh Environments

RX400 Datasheet (PDF)

Go To PDF Page Download Datasheet
RX400 Datasheet PDF - Semtech Corporation

Part # RX400
Download  RX400 Click to download

File Size   736.19 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low-Power 5G RedCap and Wi-Fi 6 Connectivity in an Ultra-Rugged and Compact Router for Remote Assets Operating in Harsh Environments

RX400 Datasheet (HTML) - Semtech Corporation


RX400 Product details

KEY FEATURES
• 2x2 5G RedCap + LTE
Cat-4
• 1x1 Wi-Fi 6 (optional)
• Dual-Band GNSS
• Single Ethernet (1 Gbps)
• Single/Dual RS-232
• IP64 and MIL-STD-810H
Rated
• Powered by AirLink® OS
and AirLink® Complete




Similar Part No. - RX400

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX401-16 NTE-RX401-16 Datasheet
120Kb / 7P
MATERIAL SAFETY DATA SHEET
logo
Richco, Inc.
RX4040-0 RICHCO-RX4040-0 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
RX4040-4 RICHCO-RX4040-4 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
More results


Similar Description - RX400

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
TP-Link Technologies Co...
AC2300 TP-LINK-AC2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
AC2600 TP-LINK-AC2600 Datasheet
1Mb / 7P
MU-MIMO Wi-Fi Router
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
AX1500 TP-LINK-AX1500 Datasheet
1Mb / 7P
AX1500 Next-Gen Wi-Fi 6 Router
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
California Eastern Labs
QCA9377 CEL-QCA9377 Datasheet
142Kb / 1P
Supports Multiple HW/OS Platforms to Deliver Connectivity in HARSH ENVIRONMENTS
logo
Nordic Semiconductor
NRF7002 NORDIC-NRF7002 Datasheet
283Kb / 1P
Low-power Wi-Fi 6 companion IC providing seamless connectivity and Wi-Fi-based locationing
Version 1.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com