Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095V50S2F Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA5095V50S2F Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA5095V50S2F
Download  ETA5095V50S2F Download
File Size   467.61 Kbytes
Page   9 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 40V Input, 150mA Linear Regulator

ETA5095V50S2F Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA5095V50S2F Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA5095V50S2F
Download  ETA5095V50S2F Click to download

File Size   467.61 Kbytes
Page   9 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 40V Input, 150mA Linear Regulator

ETA5095V50S2F Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA5095V50S2F Product details

DESCRIPTION
ETA5095 is a linear regulator features wide input range, high power-supply rejection ratio(PSRR) and low noise. The device provides fixed output voltages of 3.3V and 5V. The output voltage is also adjustable. It can be programmed by a resistor divider from 1.5V to 24V.
The device also includes short circuit protection, over voltage protection and thermal shutdown. The shutdown current of ETA5095 is as low as 2uA.
Therefore, ETA5095 is an ideal power supply for power delivery, personal digital assistants, low power battery-powered applications.
ETA5095 is available in SOT23-5 and SOT89-3

FEATURES
 Wide Input Voltage Range: From 6V to 40V
 Programmable Output Voltage: From 1.5V to 24V
 Up to 150mA Output Current
 Very Accurate Output Voltage: 3% Over Temperature and Input Voltage
 Accurate EN threshold for setting external UVLO
 High PSRR, 60dB
 Integrated Thermal and Current Limit

APPLICATIONS
 Space-Sensitive Applications
 Battery-Powered Equipment
 Cordless and Mobile Phones
 Industrial and Medical Equipment
 Portable Equipment




Similar Part No. - ETA5095V50S2F

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5097 ETA-ETA5097 Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
ETA5097S2G ETA-ETA5097S2G Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
ETA5097S8A ETA-ETA5097S8A Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
More results


Similar Description - ETA5095V50S2F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
ACE Technology Co., LTD...
ACE577C ACE-ACE577C Datasheet
657Kb / 9P
40V 150mA Low Consumption Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8078 BELLING-BL8078 Datasheet
1,005Kb / 5P
40V 150mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com