Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28R400CT Datasheet (PDF) - STMicroelectronics

M28R400CT Datasheet PDF - STMicroelectronics
Part # M28R400CT
Download  M28R400CT Download
File Size   755.28 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory

M28R400CT Datasheet (PDF)

Go To PDF Page Download Datasheet
M28R400CT Datasheet PDF - STMicroelectronics

Part # M28R400CT
Download  M28R400CT Click to download

File Size   755.28 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory

M28R400CT Datasheet (HTML) - STMicroelectronics


M28R400CT Product details

SUMMARY DESCRIPTION
The M28R400C is a 4 Mbit (256Kbit x 16) non-volatile Flash memory that can be erased electrically at the block level and programmed in-system on a Word-by-Word basis. These operations can be performed using a single low voltage (1.65 to 2.2V) supply. VDDQ allows to drive the I/O pin down to 1.65V. An optional 12V VPP power supply is provided to speed up customer programming.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VDD = 1.65V to 2.2V Core Power Supply
    – VDDQ= 1.65V to 2.2V for Input/Output
    – VPP = 12V for fast Program (optional)
■ ACCESS TIMES: 90ns, 120ns
■ PROGRAMMING TIME
    – 10µs typical
    – Double Word Programming Option
■ COMMON FLASH INTERFACE
    – 64 bit Security Code
■ MEMORY BLOCKS
    – Parameter Blocks (Top or Bottom location)
    – Main Blocks
■ BLOCK LOCKING
    – All blocks locked at Power Up
    – Any combination of blocks can be locked
    – WP for Block Lock-Down
■ SECURITY
    – 64 bit user Programmable OTP cells
    – 64 bit unique device identifier
    – One Parameter Block Permanently Lockable
■ AUTOMATIC STAND-BY MODE
■ PROGRAM and ERASE SUSPEND
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Top Device Code, M28R400CT: 882Ah
    – Bottom Device Code, M28R400CB: 882Bh




Similar Part No. - M28R400CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28R400CT STMICROELECTRONICS-M28R400CT Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT-KGD STMICROELECTRONICS-M28R400CT-KGD Datasheet
461Kb / 11P
Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT100D16 STMICROELECTRONICS-M28R400CT100D16 Datasheet
461Kb / 11P
Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT120ZB1T STMICROELECTRONICS-M28R400CT120ZB1T Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT120ZB1U STMICROELECTRONICS-M28R400CT120ZB1U Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
More results


Similar Description - M28R400CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M28R400CT-KGD STMICROELECTRONICS-M28R400CT-KGD Datasheet
461Kb / 11P
Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com