Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60G06NF Datasheet (PDF) - A POWER MICROELECTRONICS

AP60G06NF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP60G06NF
Download  AP60G06NF Download
File Size   1238.31 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V NP-Channel Enhancement Mode MOSFET

AP60G06NF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP60G06NF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP60G06NF
Download  AP60G06NF Click to download

File Size   1238.31 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 60V NP-Channel Enhancement Mode MOSFET

AP60G06NF Datasheet (HTML) - A POWER MICROELECTRONICS


AP60G06NF Product details

Features
- VDS = 60V ID =62A
- RDS(ON) < 15mΩ @ VGS=10V (Type:11mΩ)
- VDS = -60V ID =-58A
- RDS(ON) < 22mΩ @ VGS=-10V (Type:15mΩ)

Applications
- Wireless charging
- Boost driver
- Brushless motor




Similar Part No. - AP60G06NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60G02NF APME-AP60G02NF Datasheet
1Mb / 10P
20V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP60G06NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
60V P-channel enhancement mode MOSFET
MARCH 2006
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
60V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
DONGGUAN YOU FENG WEI E...
YFW10G06NF YFWDIODE-YFW10G06NF Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10G06S YFWDIODE-YFW10G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G06S YFWDIODE-YFW8G06S Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G06GD YFWDIODE-YFW20G06GD Datasheet
2Mb / 8P
60V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com