Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP60H04NF Datasheet (PDF) - A POWER MICROELECTRONICS

AP60H04NF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP60H04NF
Download  AP60H04NF Download
File Size   823.58 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NN-Channel Enhancement Mode MOSFET

AP60H04NF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP60H04NF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP60H04NF
Download  AP60H04NF Click to download

File Size   823.58 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 40V NN-Channel Enhancement Mode MOSFET

AP60H04NF Datasheet (HTML) - A POWER MICROELECTRONICS


AP60H04NF Product details

Features
- VDS = 40V ID =60A
- RDS(ON) < 5.8mΩ @ VGS=10V (Type:4.8mΩ)
- Ciss≈1204 PF

Applications
- Wireless charging
- Boost driver
- Brushless motor




Similar Part No. - AP60H04NF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP60H02GD APME-AP60H02GD Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
AP60H03DF APME-AP60H03DF Datasheet
772Kb / 7P
30V NN-Channel Enhancement Mode MOSFET
REV1.0
AP60H03GD APME-AP60H03GD Datasheet
1Mb / 7P
30V NN-Channel Enhancement Mode MOSFET
AP60H06DF2 APME-AP60H06DF2 Datasheet
861Kb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
AP60H06NF2 APME-AP60H06NF2 Datasheet
1Mb / 7P
65V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP60H04NF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H04LI YFWDIODE-YFW6H04LI Datasheet
964Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04DF YFWDIODE-YFW8H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8H04S YFWDIODE-YFW8H04S Datasheet
991Kb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04DF YFWDIODE-YFW10H04DF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H04S YFWDIODE-YFW10H04S Datasheet
1Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04NF YFWDIODE-YFW20H04NF Datasheet
2Mb / 6P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H04S YFWDIODE-YFW20H04S Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW35H04NF YFWDIODE-YFW35H04NF Datasheet
2Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40H04NF YFWDIODE-YFW40H04NF Datasheet
1Mb / 5P
40V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com