Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43485 Datasheet (PDF) - Renesas Technology Corp

ISL43485 Datasheet PDF - Renesas Technology Corp
Part # ISL43485
Download  ISL43485 Download
File Size   711.49 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver

ISL43485 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43485 Datasheet PDF - Renesas Technology Corp

Part # ISL43485
Download  ISL43485 Click to download

File Size   711.49 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver

ISL43485 Datasheet (HTML) - Renesas Technology Corp


ISL43485 Product details

• High data rate. . . . . . . . . . . . . . . . . . . . . . . up to 30Mbps
• Operates from a single +3.3V supply (10% tolerance)
• Interoperable with 5V logic
• Single unit load allows up to 32 devices on the bus
• Low current shutdown mode . . . . . . . . . . . . . . . . . . 15nA
• -7V to +12V common-mode input voltage range
• Three state Rx and Tx outputs
• 10ns propagation delay, 1ns skew
• Half duplex pinout
• Current limiting and thermal shutdown for driver overload protection
• Pb-free available (RoHS compliant)




Similar Part No. - ISL43485

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
ISL43485 INTERSIL-ISL43485 Datasheet
480Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
March 15, 2005
ISL43485 INTERSIL-ISL43485 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485IB INTERSIL-ISL43485IB Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
More results


Similar Description - ISL43485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
5V, 30Mbps, RS-485/RS-422 Transceiver
December 2003
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
March 15, 2005
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
5V, 30Mbps, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Renesas Technology Corp
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com