Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMI Datasheet (PDF) - Vishay Siliconix

EMI Datasheet PDF - Vishay Siliconix
Part # EMI
Download  EMI Download
File Size   286.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN

EMI Datasheet (PDF)

Go To PDF Page Download Datasheet
EMI Datasheet PDF - Vishay Siliconix

Part # EMI
Download  EMI Click to download

File Size   286.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN

EMI Datasheet (HTML) - Vishay Siliconix


EMI Product details

FEATURES
• Complying with “EN 132 400” and “IEC 60384-14,
2nd edition, including amendment 1.1995”
• High reliability
• Kinked (preferred) or straight leads
• Lead (Pb)-free available
APPLICATIONS
• Across-the-line
• Line by-pass
• Antenna coupling




Similar Part No. - EMI

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EMI 3M-EMI Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
List of Unclassifed Man...
EMI ETC-EMI Datasheet
58Kb / 3P
EMI-suppression beads
2008 Sep 01
logo
GOOD SKY ELECTRIC CO., ...
EMI-2P GOODSKY-EMI-2P Datasheet
529Kb / 4P
General Purpose Relay
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
Prepared in accordance with Regulation
logo
Bourns Electronic Solut...
EMI101T-RC BOURNS-EMI101T-RC Datasheet
120Kb / 1P
EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
More results


Similar Description - EMI

ManufacturerPart #DatasheetDescription
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Vishay Siliconix
WYO VISHAY-WYO Datasheet
327Kb / 3P
Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
31-Jan-06
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
10-Apr-13
logo
Dubilier
WD2Y DUBILIER-WD2Y Datasheet
167Kb / 1P
SAFETY Y2 CLASS DISC
logo
Vishay Siliconix
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com