Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP6505 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6505 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6505
Download  IP6505 Download
File Size   633.08 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP

IP6505 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6505 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6505
Download  IP6505 Click to download

File Size   633.08 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description 24W Max Synchronous Rectified Buck Converter for DCP/QC2.0/QC3.0/FCP/ SCP/ AFC/SFCP

IP6505 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6505 Product details

Features
Synchronized Switch Regulator
 Built in power MOSFET
 4 8 V Input Voltage Surge
 Input voltage range: 4.5V~32V
 Output voltage range: 3V~12V, Output
power: up to 24W
 fixed line compensation
 S upport CV (C onstant Output Voltage) mode
& CC(Constant Output Current) mode
 Conversion efficiency: up to 97%
 Soft start function
Fast charge output
 Support BC1.2, Apple, Samsung
 Support Qualcomm QC2.0, QC3.0
 Support MTK PE+1.1 and MTK PE+2.0
 Support Huawei Fast charg e: FCP & SCP
 Support Samsung fast charge : AFC
 Support Spreadtrum fast charge : SFCP
Multi protection and high reliability
 OVP/UVP/OTP/OCP/short circuit protection
 ESC 4KV,
Package: ESOP8




Similar Part No. - IP6505

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6505 INJOINIC-IP6505 Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
IP6505 INJOINIC-IP6505 Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
IP6505 INJOINIC-IP6505 Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
IP6505T INJOINIC-IP6505T Datasheet
612Kb / 10P
Output 2.4A/3.1A, integrated SOC IC for DCP output protocol
IP6505T INJOINIC-IP6505T Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
More results


Similar Description - IP6505

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
High-Efficiency Synchronous-Rectified Buck Converter
UP1952-MD UPI-UP1952-MD Datasheet
193Kb / 11P
Single Phase Synchronous-Rectified Buck Converter
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
Synchronous-Rectified Buck Converter
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1594 HMSEMI-HM1594 Datasheet
955Kb / 9P
Maximum output 18W, integrated fast charge output protocol (DCP/QC2.0/QC3.0/FCP/AFC) step-down SOC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com