Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2004TR Datasheet (PDF) - International Rectifier

IP2004TR Datasheet PDF - International Rectifier
Part # IP2004TR
Download  IP2004TR Download
File Size   415.4 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SYNCHRONOUS BUCK LGA POWER BLOCK

IP2004TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2004TR Datasheet PDF - International Rectifier

Part # IP2004TR
Download  IP2004TR Click to download

File Size   415.4 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SYNCHRONOUS BUCK LGA POWER BLOCK

IP2004TR Datasheet (HTML) - International Rectifier


IP2004TR Product details

Description
The iP2004 is a fully optimized solution for high current synchronous buck multiphase applications. Board space and design time are greatly reduced because most of the components required for each phase of a typical discrete-based multiphase circuit are integrated into a single 7.7mm x 7.7mm x 2.2mm power block. The only additional components required for a complete multiphase converter are a PWM controller, the output inductors, and the input and output capacitors.

Features
• 40A Multiphase building block
• No derating up to TC = TPCB = 95ºC
• Optimized for low power loss
• Bias supply range of 4.5V to 6.0V
• Operation up to 1.5MHz
• Over temperature protection
• Bi-directional Current flow
• Under Voltage Lockout
• LGA interface
• 7.7mm x 7.7mm x 2.2mm package

Applications
• High frequency, Multi-phase Converters
• Low Duty-Ratio, High Current Microprocessor Power Supplies
• High Frequency Low Profile DC-DC Converters




Similar Part No. - IP2004TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
Interpolation Circuit for Incremental Measuring Systems
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001 IRF-IP2001 Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001TRPBF IRF-IP2001TRPBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
More results


Similar Description - IP2004TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com