Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-40638 Datasheet (PDF) - TDK Electronics

ICS-40638 Datasheet PDF - TDK Electronics
Part # ICS-40638
Download  ICS-40638 Download
File Size   386.91 Kbytes
Page   14 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High AOP Analog MEMS Microphone with Differential Output

ICS-40638 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS-40638 Datasheet PDF - TDK Electronics

Part # ICS-40638
Download  ICS-40638 Click to download

File Size   386.91 Kbytes
Page   14 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description High AOP Analog MEMS Microphone with Differential Output

ICS-40638 Datasheet (HTML) - TDK Electronics


ICS-40638 Product details

GENERAL DESCRIPTION
The ICS‐40638 is an analog MEMS microphone with very high dynamic range and capable of operation up to 105°C. The ICS‐40638 includes a MEMS microphone element, an impedance converter, and a differential output amplifier.
Other high‐performance specifications include 138 dB SPL acoustic overload point, tight ±1 dB sensitivity tolerance and enhanced immunity to both radiated and conducted RF interference.
The ICS‐40638 is available in a small 3.50 mm × 2.65 mm × 0.98 mm bottom port surface‐mount package.

APPLICATIONS
 Automotive
 Still and video cameras
 IoT devices

FEATURES
SPEC PERFORMANCE
SNR 63 dBA
Current 170 μA
AOP 138 SPL
 Differential non‐inverting analog output
 −43 dBV sensitivity (differential)
 ±1 dB sensitivity tolerance
 Extended frequency response from 35 Hz to 20 kHz
 Enhanced RF immunity
 −81 dB PSRR
 3.50 × 2.65 × 0.98 mm surface‐mount package
 Compatible with Sn/Pb and Pb‐free solder processes
 RoHS/WEEE compliant




Similar Part No. - ICS-40638

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICS-40618 TDK-ICS-40618 Datasheet
258Kb / 16P
High Dynamic Range Microphone with Differential Output and Low Power
ICS-40619 TDK-ICS-40619 Datasheet
260Kb / 17P
High Dynamic Range Microphone with Differential Output and Low Power
More results


Similar Description - ICS-40638

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4598 STMICROELECTRONICS-AN4598 Datasheet
331Kb / 12P
Pre-amplifying the analog output of a MEMS microphone
21-Jan-2015
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
CUI INC
CMM-2718AB-38108-TR CUI-CMM-2718AB-38108-TR Datasheet
483Kb / 5P
MEMS MICROPHONE
logo
TDK Electronics
AN-000012 TDK-AN-000012 Datasheet
212Kb / 4P
Differential Analog Output MEMS Microphone Flex Evaluation Board
AN-000013 TDK-AN-000013 Datasheet
161Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board
UG-325 TDK-UG-325 Datasheet
337Kb / 4P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
UG-445 TDK-UG-445 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
logo
Knowles Electronics
SPM0687LR5H-1 KNOWLES-SPM0687LR5H-1 Datasheet
2Mb / 9P
HIGH SNR, HIGH AOP ANALOG BOTTOM PORT SISONIC MICROPHONE
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com