Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM45 Datasheet (PDF) - Advanced XTAL Products

AXIOM45 Datasheet PDF - Advanced XTAL Products
Part # AXIOM45
Download  AXIOM45 Download
File Size   54.58 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description OCXO High stability, Sinewave Output

AXIOM45 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXIOM45 Datasheet PDF - Advanced XTAL Products

Part # AXIOM45
Download  AXIOM45 Click to download

File Size   54.58 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description OCXO High stability, Sinewave Output

AXIOM45 Datasheet (HTML) - Advanced XTAL Products




Similar Part No. - AXIOM45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM45-15 AXTAL-AXIOM45-15 Datasheet
98Kb / 3P
Low Phase Noise Eurocase OCXO with Sine Wave Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
125Kb / 4P
Low Noise OCXO in Eurocase package
2017-01-07
More results


Similar Description - AXIOM45

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM25 AXTAL-AXIOM25 Datasheet
58Kb / 2P
OCXO in DIL14 package, Sinewave Output
2005-07-15
AXIOM40 AXTAL-AXIOM40 Datasheet
54Kb / 2P
OCXO high stability, HCMOS Output
2006-07-10
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
OFC5DJ3BS CONNOR-WINFIELD-OFC5DJ3BS Datasheet
189Kb / 2P
SURFACE MOUNT 5.0V OCXO with SINEWAVE OUTPUT
OFC12CJ4BA CONNOR-WINFIELD-OFC12CJ4BA Datasheet
160Kb / 2P
12.00V SINEWAVE OCXO
logo
Golledge Electronics Lt...
SCOCXOT GOLLEDGE-SCOCXOT_15 Datasheet
150Kb / 2P
12V OCXO CMOS Output Tight Stability
logo
Advanced XTAL Products
AXIOM170 AXTAL-AXIOM170 Datasheet
120Kb / 4P
High Stability SMD OCXO with HCMOS Output
2014-04-26
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM45-23 AXTAL-AXIOM45-23 Datasheet
102Kb / 2P
OCXO High stability, Sine Wave Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com