Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4057 Datasheet (PDF) - Microsemi Corporation

1N4057 Datasheet PDF - Microsemi Corporation
Part # 1N4057
Download  1N4057 Download
File Size   173.52 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Voltage Temperature Compensated Zener Reference Diodes

1N4057 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4057 Datasheet PDF - Microsemi Corporation

Part # 1N4057
Download  1N4057 Click to download

File Size   173.52 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description High Voltage Temperature Compensated Zener Reference Diodes

1N4057 Datasheet (HTML) - Microsemi Corporation


1N4057 Product details

FEATURES
• Reference Voltage 12.4V to 200V
• Standard voltage tolerance of +/-5%
• Maximum temperature coefficient selections
available of 0.005%/oC and 0.002%/oC
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers

APPLICATIONS / BENEFITS
Provides minimal voltage change in voltage over a
broad temperature range
For instrumentation and other circuit designs
requiring a stable voltage reference
Flexible axial-lead mounting terminals
Nonsensitive to ESD per MIL-STD-750 Method 1020




Similar Part No. - 1N4057

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
Microsemi Corporation
1N4057 MICROSEMI-1N4057 Datasheet
78Kb / 2P
HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4057 NJSEMI-1N4057 Datasheet
378Kb / 1P
HIGH VOLTAGE DIODES
logo
Compensated Deuices Inc...
1N4057A CDI-DIODE-1N4057A Datasheet
50Kb / 2P
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
logo
Microsemi Corporation
1N4057A MICROSEMI-1N4057A Datasheet
78Kb / 2P
HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
More results


Similar Description - 1N4057

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com