Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXX2016 Datasheet (PDF) - Advanced XTAL Products

AXX2016 Datasheet PDF - Advanced XTAL Products
Part # AXX2016
Download  AXX2016 Download
File Size   56.11 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant

AXX2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXX2016 Datasheet PDF - Advanced XTAL Products

Part # AXX2016
Download  AXX2016 Click to download

File Size   56.11 Kbytes
Page   2 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant

AXX2016 Datasheet (HTML) - Advanced XTAL Products


AXX2016 Product details

[ADVANCED XTAL PRODUCTS]

Quartz Crystal Unit in SMD package 2.0x1.6 mm RoHS compliant




Similar Part No. - AXX2016

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
2006-03-18
More results


Similar Description - AXX2016

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXX2520 AXTAL-AXX2520 Datasheet
57Kb / 2P
Quartz Crystal Unit in SMD package 2.5x2.0 mm RoHS compliant
2006-03-18
AXX3225 AXTAL-AXX3225 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 3.2x2.5 mm RoHS compliant
2006-03-18
AXX3225L AXTAL-AXX3225L Datasheet
60Kb / 2P
Quartz Crystal Unit in SMD package 3.2x2.5 mm Low frequency version operating in ?쏬ame??contour mode RoHS compliant
2006-03-18
AXX5032 AXTAL-AXX5032 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 5.0x3.2 mm 4pad RoHS compliant
2006-03-18
AXX5032-2 AXTAL-AXX5032-2 Datasheet
56Kb / 2P
Quartz Crystal Unit in SMD package 5.0x3.2 mm Resin sealed 2 pad
2006-03-18
logo
Suzhou HangJing Electro...
XC53G2 HANGJING-XC53G2 Datasheet
320Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM GLASS SEAL PACKAGE
XC63G2 HANGJING-XC63G2 Datasheet
327Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 6.0X3.5MM GLASS SEAL PACKAGE
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1269A TAI-SAW-TZ1269A Datasheet
176Kb / 8P
Crystal Unit SMD 2.0x1.6 40.0MHz
REV. NO.: 8.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1337A TAI-SAW-TZ1337A Datasheet
188Kb / 8P
Crystal Unit SMD 2.0x1.6 26.0MHz
REV. NO.: 7.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com