Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC310XXB Datasheet (PDF) - Renesas Technology Corp

RC310XXB Datasheet PDF - Renesas Technology Corp
Part # RC310XXB
Download  RC310XXB Download
File Size   2045.33 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock 7 Programmable Jitter Attenuator Family

RC310XXB Datasheet (PDF)

Go To PDF Page Download Datasheet
RC310XXB Datasheet PDF - Renesas Technology Corp

Part # RC310XXB
Download  RC310XXB Click to download

File Size   2045.33 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock 7 Programmable Jitter Attenuator Family

RC310XXB Datasheet (HTML) - Renesas Technology Corp


RC310XXB Product details

Description
The RC310xxB are high-performance programmable
jitter attenuators with network synchronization
capabilities. The devices support JEDEC
JESD204B/C for converter synchronization, and
SyncE for network-based synchronization.
The RC310xxB are ideal for driving converter circuits
in wire-line infrastructure, data center equipment, and
instrumentation applications.

Applications
▪ Switches / Routers
▪ Synchronous Ethernet (SyncE) equipment
▪ Telecom Time Slave Clock (T-TSC) equipment
▪ Jitter attenuation for 10 / 25 / 40 / 100 / 200 / 400
Gbps Ethernet PHYs or Switches
▪ Small Cell for 4.5G and 5G

Features
▪ 169fs RMS phase jitter at 156.25MHz (typ.)
▪ PCIe® Gen7 Common Clock jitter: 8fs RMS (typ.)
▪ Compliant with ITU-T G.8262 and G.8262.1 for
synchronous Ethernet Equipment Clock
(EEC/eEEC)
▪ Jitter attenuation with programmable loop
bandwidth from 0.1Hz to 12kHz
▪ 1kHz to 650MHz LVDS/LP-HCSL outputs
▪ 1kHz to 200MHz LVCMOS outputs
▪ Simple AC-coupling to LVPECL and CML
▪ Integrated 100 and 85 LP-HCSL terminations
▪ JESD204B/C support on differential or singleended
outputs with DC-coupling or AC-coupling
▪ Up to four single-ended or two differential clock
inputs; one crystal/TCXO/OCXO input
▪ 1MHz I2C, 400kHz SMBus or 20MHz SPI support
▪ Configuration via factory-programmed One-Time
Programmable (OTP) memory, serial interface, or
external I2C EEPROM
▪ OTP holds up to four complete or 27 partial
configurations
▪ 1.8V, 2.5V, 3.3V, -40° to +85°C operation
▪ RC31012B – 12 output pairs/24 single-ended
outputs
• 6 × 6 mm 48-QFN, integrated crystal option
▪ RC31008B – 8 differential/16 single-ended outputs
• 5 × 5 mm 40-QFN, integrated crystal option
▪ RC31005B – 5 differential/10 single-ended outputs
• 4 × 4 mm 32-LGA with integrated crystal




Similar Part No. - RC310XXB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC310XXB RENESAS-RC310XXB Datasheet
1Mb / 68P
VersaClock 7 Programmable Jitter Attenuator Family
Feb 3, 2026
RC310XXB RENESAS-RC310XXB Datasheet
1Mb / 68P
VersaClock 7 Programmable Jitter Attenuator Family
Rev.1.24 Feb 3, 2026
RC310XXB RENESAS-RC310XXB_V01 Datasheet
1Mb / 68P
VersaClock 7 Programmable Jitter Attenuator Family
Feb 3, 2026
RC310XXB RENESAS-RC310XXB_V02 Datasheet
1Mb / 68P
VersaClock 7 Programmable Jitter Attenuator Family
Rev.1.24 Feb 3, 2026
More results


Similar Description - RC310XXB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Micrel Semiconductor
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5P49V6975 IDT-5P49V6975 Datasheet
974Kb / 28P
VersaClock 6E Programmable
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
5P35021 IDT-5P35021_1 Datasheet
453Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
RC210XXA RENESAS-RC210XXA Datasheet
1Mb / 59P
VersaClock 7 Programmable Clock Generator Family
Nov 22, 2022
RC310XXA RENESAS-RC310XXA Datasheet
1Mb / 65P
VersaClock 7 Programmable Jitter Attenuator Family
Nov 23, 2022
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com