Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151 Datasheet (PDF) - Texas Instruments

INA151 Datasheet PDF - Texas Instruments
Part # INA151
Download  INA151 Download
File Size   3437.32 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function

INA151 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA151 Datasheet PDF - Texas Instruments

Part # INA151
Download  INA151 Click to download

File Size   3437.32 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function

INA151 Datasheet (HTML) - Texas Instruments


INA151 Product details

1 Features
• Wide voltage ranges:
– Operational common-mode voltage: 4.3V to
110V
– Reverse protection voltage: Down to −85V
– Differential input voltage: Up to ±5V
• High precision in high common-mode voltage
systems:
– CMRR: 125dB (minimum) for G=1V/V, 2/3V/V
– Gain error drift: 2ppm/ºC (maximum)
– Gain error: ±0.025% (maximum) for G=1V/V,
2/3V/V, 1/2V/V
– Offset voltage drift: ±0.6μV/ºC (maximum) for
G=1V/V
– Offset voltage: ±900μV (maximum) for G=1V/V
• Four gain variants:
– A: G = 1V/V
– B: G = 2/3V/V
– C: G = 1/2V/V
– D: G = 1/4V/V
• Ultra-high input impedance (minimum of 1MΩ)
• Enable/Disable Function:
– Hi-Z output during disable
• Bandwidth: 620kHz (typical) for G = 1V/V
• Power supply range:
– Supply range: 2.7V (±1.35V) to 20V (±10V)
– Low quiescent current when enabled: 430μA
(IQ(VS+) typical), −460μA ((IQ(VS−)typical)
• Specified temperature range: –40°C to 125°C

2 Applications
• Battery cell formation and test equipment
• Analog input module
• Mixed module (AI, AO, DI, DO)
• Precision Multifunction Input Output DAQ

3 Description
The INA151 is a precision difference amplifier with
an input common-mode voltage range of up to 110V
above negative supply (recommended). The INA151
can accurately measure voltages in the presence
of high common-mode voltage with a high commonmode
rejection ratio of 125dB minimum and commonmode
input impedance of >1.4MΩ and an offset
voltage drift of 0.6μV/ºC for gain of 1V/V.
The INA151 is offered in gain options of 1V/V
(INA151A), 2/3V/V (INA151B), 1/2V/V (INA151C) and
1/4V/V ( INA151D).
The INA151 has an Enable/Disable (EN) pin that
provide a high-impedance output to allow stacking
multiple INA151 on the outputs. In many applications
this reduces the need for an input multiplexer.
The INA151 is offered in standard 8-pin packages
such as SOT-23.




Similar Part No. - INA151

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA151 TI2-INA151 Datasheet
3Mb / 34P
INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
REVISED MARCH 2026
More results


Similar Description - INA151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8209 AD-AD8209 Datasheet
318Kb / 16P
High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
Bidirectional Precision Voltage Difference Amplifier
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
High Voltage, Precision Difference Amplifier
Rev. 0
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
High Voltage, Precision Difference Amplifier
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com