Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSOP-16 Datasheet (PDF) - RF Monolithics, Inc

TSSOP-16 Datasheet PDF - RF Monolithics, Inc
Part # TSSOP-16
Download  TSSOP-16 Download
File Size   138.72 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 16-Pin Ceramic Case 6.4 X 5.0 mm Nominal Footprint

TSSOP-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSOP-16 Datasheet PDF - RF Monolithics, Inc

Part # TSSOP-16
Download  TSSOP-16 Click to download

File Size   138.72 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 16-Pin Ceramic Case 6.4 X 5.0 mm Nominal Footprint

TSSOP-16 Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - TSSOP-16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TSSOP-16 DIODES-TSSOP-16 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Torex Semiconductor
TSSOP-16 TOREX-TSSOP-16 Datasheet
205Kb / 3P
Reference Pattern Layout Dimensions
logo
Global Mixed-mode Techn...
TSSOP-16 GMT-TSSOP-16 Datasheet
113Kb / 1P
Package Outline
TSSOP-16-EP GMT-TSSOP-16-EP Datasheet
244Kb / 1P
Package Outline
logo
Diodes Incorporated
TSSOP-16EP DIODES-TSSOP-16EP Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results


Similar Description - TSSOP-16

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
6.4 VOLT NOMINAL ZENER VOLTAGE 5%
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
SM10996-14 RFM-SM10996-14 Datasheet
15Kb / 1P
14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint
TQFN-1633 RFM-TQFN-1633 Datasheet
61Kb / 3P
16-Terminal Ceramic Surface-Mount Case 3.0 X 3.0 mm Nominal Footprint
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
XFL8001 RFM-XFL8001 Datasheet
113Kb / 2P
6-Terminal Surface-Mount Case 5.0 x 7.0 mm Nominal Footprint
logo
ILSI America LLC
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
Transko Electronics, In...
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com