Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY8286B Datasheet (PDF) - Silergy Corp.

SY8286B Datasheet PDF - Silergy Corp.
Part # SY8286B
Download  SY8286B Download
File Size   909.65 Kbytes
Page   14 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator

SY8286B Datasheet (PDF)

Go To PDF Page Download Datasheet
SY8286B Datasheet PDF - Silergy Corp.

Part # SY8286B
Download  SY8286B Click to download

File Size   909.65 Kbytes
Page   14 Pages
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.
Description High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator

SY8286B Datasheet (HTML) - Silergy Corp.


SY8286B Product details

General Description
The SY8286B develops a high efficiency synchronous
step-down DC/DC regulator with 3.3V fixed output
voltage and 6A current rating. The device integrates
main switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss. The SY8286B
also integrates a 3.3V/100mA LDO with bypass switch
and individual enable control.
The SY8286B operates over a wide input voltage range
from 4V to 23V. The DC/DC regulator adopts the
instant PWM architecture to achieve fast transient
responses for high step down applications and high
efficiency at light loads. In addition, it operates at
pseudo-constant frequency of 600kHz under heavy
load conditions to minimize the size of inductor and
capacitor.

Features
 Low RDS(ON) for Internal Switches (Top/Bottom):
38/19 mΩ
 Wide Input Voltage Range: 4-23V
 3.3V LDO with Individual Enable Control and
Bypass Switch
 Integrated Bypass Switch: 1.5Ω
 Instant PWM Architecture to Achieve Fast
Transient Responses
 Internal 1.2ms Soft-start Limits the Inrush Current
 Pseudo-constant Frequency: 600kHz.
 6A Output Current Capability
 +/-1.5% Output Voltage Accuracy
 Power Good Indicator
 Output Discharge Function
 Output Current Limit Protection
 Short Circuit Latch-off Protection
 Output Over Voltage Latch-off Protection
 Input UVLO
 Over Temperature Protection
 RoHS Compliant and Halogen Free
 Compact Package: QFN3X3-20

Applications
 LCD-TV/Net-TV/3DTV
 Set Top Box
 Notebook
 High Power AP




Similar Part No. - SY8286B

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8286 SILERGY-SY8286 Datasheet
489Kb / 8P
High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9E
SY8286A SILERGY-SY8286A Datasheet
1Mb / 17P
High Efficiency Fast Response 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9F
SY8286ARAC SILERGY-SY8286ARAC Datasheet
1Mb / 17P
High Efficiency Fast Response 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9F
SY8286RAC SILERGY-SY8286RAC Datasheet
489Kb / 8P
High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9E
More results


Similar Description - SY8286B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
logo
Silergy Corp.
SY8120 SILERGY-SY8120 Datasheet
1Mb / 10P
High Efficiency Fast Response, 2A, 18V Input Synchronous Step Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1488B HMSEMI-HM1488B Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
logo
Silergy Corp.
SY8286 SILERGY-SY8286 Datasheet
489Kb / 8P
High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com