Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F010B Datasheet (PDF) - STMicroelectronics

M29F010B Datasheet PDF - STMicroelectronics
Part # M29F010B
Download  M29F010B Download
File Size   402.96 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory

M29F010B Datasheet (PDF)

Go To PDF Page Download Datasheet
M29F010B Datasheet PDF - STMicroelectronics

Part # M29F010B
Download  M29F010B Click to download

File Size   402.96 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory

M29F010B Datasheet (HTML) - STMicroelectronics


M29F010B Product details

SUMMARY DESCRIPTION
The M29F010B is a 1 Mbit (128Kb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single 5V supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.

■ SINGLE 5V±10% SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS
■ ACCESS TIME: 45 ns
■ PROGRAMMING TIME
    – 8 µs per Byte typical
■ 8 UNIFORM 16 KBytes MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program algorithm
    – Embedded Multi-Block/Chip Erase algorithm
    – Status Register Polling and Toggle Bits
■ ERASE SUSPEND and RESUME MODES
    – Read and Program another Block during Erase Suspend
■ UNLOCK BYPASS PROGRAM COMMAND
    – Faster Production/Batch Programming
■ LOW POWER CONSUMPTION
    – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATA RETENTION
    – Defectivity below 1 ppm/year
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 20h
■ ECOPACK® PACKAGES AVAILABLE




Similar Part No. - M29F010B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F016B55M1T STMICROELECTRONICS-M29F016B55M1T Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F016B55M3T STMICROELECTRONICS-M29F016B55M3T Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F016B55M6T STMICROELECTRONICS-M29F016B55M6T Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F016B55N1T STMICROELECTRONICS-M29F016B55N1T Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
More results


Similar Description - M29F010B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com