Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP80P04D Datasheet (PDF) - A POWER MICROELECTRONICS

AP80P04D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP80P04D
Download  AP80P04D Download
File Size   1695.88 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -40V P-Channel Enhancement Mode MOSFET

AP80P04D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP80P04D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP80P04D
Download  AP80P04D Click to download

File Size   1695.88 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -40V P-Channel Enhancement Mode MOSFET

AP80P04D Datasheet (HTML) - A POWER MICROELECTRONICS


AP80P04D Product details

Features
- VDS = -40V ID =-80 A
- RDS(ON) < -10mΩ @ VGS=-10V (Type:7.0mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP80P04D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP80P04F APME-AP80P04F Datasheet
869Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP80P04NF APME-AP80P04NF Datasheet
1Mb / 7P
-40V P-Channel Enhancement Mode MOSFET
AP80P04P APME-AP80P04P Datasheet
869Kb / 9P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP80P04P APME-AP80P04P Datasheet
796Kb / 8P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
AP80P04PT APME-AP80P04PT Datasheet
796Kb / 8P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP80P04D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com