Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100H03NF2 Datasheet (PDF) - A POWER MICROELECTRONICS

AP100H03NF2 Datasheet PDF - A POWER MICROELECTRONICS
Part # AP100H03NF2
Download  AP100H03NF2 Download
File Size   1198.67 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NN-Channel Enhancement Mode MOSFET

AP100H03NF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP100H03NF2 Datasheet PDF - A POWER MICROELECTRONICS

Part # AP100H03NF2
Download  AP100H03NF2 Click to download

File Size   1198.67 Kbytes
Page   10 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V NN-Channel Enhancement Mode MOSFET

AP100H03NF2 Datasheet (HTML) - A POWER MICROELECTRONICS


AP100H03NF2 Product details

Features
- N1:VDS = 30V ID =80A
- RDS(ON) < 5.5mΩ @ VGS=10V(Type:4.0mΩ)
- N2:VDS = 30V ID =100A
- RDS(ON) < 2.5mΩ @ VGS=10V(Type:1.8mΩ)

Applications
- Buke Boost




Similar Part No. - AP100H03NF2

ManufacturerPart #DatasheetDescription
logo
LEM
AP100-B10 LEM-AP100-B10 Datasheet
56Kb / 2P
AC Current transducer AP-B10
AP100-B420L LEM-AP100-B420L Datasheet
56Kb / 2P
AC Current transducer AP-B420L
logo
Clarke International
AP1000 CLARKE-AP1000 Datasheet
871Kb / 2P
ARBOR PRESS
GC0122-rev2
logo
Advanced Semiconductor
AP1000A ASI-AP1000A Datasheet
13Kb / 1P
SILICON PIN DIODE
REV. A
AP1000B-00 ASI-AP1000B-00 Datasheet
14Kb / 1P
SILICON PIN DIODE CHIP
More results


Similar Description - AP100H03NF2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW6H03S YFWDIODE-YFW6H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW7H03DF YFWDIODE-YFW7H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03DF YFWDIODE-YFW10H03DF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW10H03S YFWDIODE-YFW10H03S Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20H03NF YFWDIODE-YFW20H03NF Datasheet
1Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80H03GD YFWDIODE-YFW80H03GD Datasheet
2Mb / 5P
30V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com