Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N03BD Datasheet (PDF) - A POWER MICROELECTRONICS

AP100N03BD Datasheet PDF - A POWER MICROELECTRONICS
Part # AP100N03BD
Download  AP100N03BD Download
File Size   849.26 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V N-Channel Enhancement Mode MOSFET

AP100N03BD Datasheet (PDF)

Go To PDF Page Download Datasheet
AP100N03BD Datasheet PDF - A POWER MICROELECTRONICS

Part # AP100N03BD
Download  AP100N03BD Click to download

File Size   849.26 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 30V N-Channel Enhancement Mode MOSFET

AP100N03BD Datasheet (HTML) - A POWER MICROELECTRONICS


AP100N03BD Product details

Features
- VDS = 30V ID =100A
- RDS(ON) < 4.3mΩ @ VGS=10V(Type:3.2mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP100N03BD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N03AD APME-AP100N03AD Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
AP100N03CD APME-AP100N03CD Datasheet
945Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N03D APME-AP100N03D Datasheet
759Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV4.2
AP100N03LD APME-AP100N03LD Datasheet
721Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N03NF APME-AP100N03NF Datasheet
846Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP100N03BD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com