Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N08D Datasheet (PDF) - A POWER MICROELECTRONICS

AP100N08D Datasheet PDF - A POWER MICROELECTRONICS
Part # AP100N08D
Download  AP100N08D Download
File Size   1582.84 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 80V N-Channel Enhancement Mode MOSFET

AP100N08D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP100N08D Datasheet PDF - A POWER MICROELECTRONICS

Part # AP100N08D
Download  AP100N08D Click to download

File Size   1582.84 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 80V N-Channel Enhancement Mode MOSFET

AP100N08D Datasheet (HTML) - A POWER MICROELECTRONICS


AP100N08D Product details

Features
- VDS = 80V ID =100A
- RDS(ON) < 6.8mΩ VGS=10V (Type:5.5mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP100N08D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N08CMP APME-AP100N08CMP Datasheet
773Kb / 7P
80V N-Channel Enhancement Mode MOSFET
REV1.1
AP100N08NF APME-AP100N08NF Datasheet
1Mb / 7P
85V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N08P APME-AP100N08P Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
AP100N08PT APME-AP100N08PT Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
AP100N08T APME-AP100N08T Datasheet
834Kb / 8P
85V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP100N08D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT8012LK3 DIODES-DMT8012LK3 Datasheet
605Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT8012LSS DIODES-DMT8012LSS Datasheet
538Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LK3 DIODES-DMT8012LK3_17 Datasheet
508Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT8012LPS DIODES-DMT8012LPS_17 Datasheet
554Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJU60N08 PANJIT-PJU60N08 Datasheet
333Kb / 8P
80V N-Channel Enhancement Mode MOSFET
January 16,2017-REV.00
PSMB032N08NS1 PANJIT-PSMB032N08NS1 Datasheet
672Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMB032N08NS1-REV.00
PSMP032N08NS1 PANJIT-PSMP032N08NS1 Datasheet
579Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP032N08NS1-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
logo
Diodes Incorporated
DMT8008LFG DIODES-DMT8008LFG Datasheet
415Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 2 - 2
DMT8008SPS DIODES-DMT8008SPS Datasheet
382Kb / 7P
80V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 3 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com