Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54216 Datasheet (PDF) - Renesas Technology Corp

ISL54216 Datasheet PDF - Renesas Technology Corp
Part # ISL54216
Download  ISL54216 Download
File Size   1414.28 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)

ISL54216 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL54216 Datasheet PDF - Renesas Technology Corp

Part # ISL54216
Download  ISL54216 Click to download

File Size   1414.28 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)

ISL54216 Datasheet (HTML) - Renesas Technology Corp


ISL54216 Product details

• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0 on All Ports
• UART Capability on All Ports
• COM Pins Allow Negative Swings to -2V
• Compatible with Wired-OR Connected GND
Referenced Audio Sources
• All Switches Open Mode
• Power OFF Protection
• COM Pins Overvoltage Tolerant to 5.5V
• Low ON Capacitance @ 240MHz 4pF
• -3dB Frequency 800MHz
• Single Supply Operation (VDD)2.7V to 4.6V
• Available 12 Ld μTQFN and 12 Ld TQFN Packages
• Compliant with USB 2.0 Short Circuit
Requirements Without Additional External
Components
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL54216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
September 27, 2010
ISL54216 INTERSIL-ISL54216 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54216EVAL1Z INTERSIL-ISL54216EVAL1Z Datasheet
971Kb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
September 27, 2010
logo
Renesas Technology Corp
ISL54216EVAL1Z RENESAS-ISL54216EVAL1Z Datasheet
1Mb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results


Similar Description - ISL54216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
May 4, 2009
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
June 28, 2010
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
September 27, 2010
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com