Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA79008S Datasheet (PDF) - Toshiba Semiconductor

TA79008S Datasheet PDF - Toshiba Semiconductor
Part # TA79008S
Download  TA79008S Download
File Size   257.4 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Output Current of 1A, Three-Terminal Negative Voltage Regulators

TA79008S Datasheet (PDF)

Go To PDF Page Download Datasheet
TA79008S Datasheet PDF - Toshiba Semiconductor

Part # TA79008S
Download  TA79008S Click to download

File Size   257.4 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Output Current of 1A, Three-Terminal Negative Voltage Regulators

TA79008S Datasheet (HTML) - Toshiba Semiconductor


TA79008S Product details

Features
Suitable for CMOS, TTL, and the other digital IC power
supply.
Internal thermal overload protecting.
Internal short circuit current limiting.
Maximum output current of 1.0 A.
Metal fin (tab) is fully covered with mold resin.
(TO-220 NIS package)




Similar Part No. - TA79008S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79008S TOSHIBA-TA79008S Datasheet
516Kb / 16P
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79008SB TOSHIBA-TA79008SB Datasheet
516Kb / 16P
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79008SB TOSHIBA-TA79008SB Datasheet
601Kb / 13P
Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Similar Description - TA79008S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
Three Terminal Low Current Negative Voltage Regulators
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
Three-Terminal Low Current Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
Output Current of 1A, Three-Terminal Negative Voltage Regulators
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
Three Terminal Low Current Negative Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com