Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEVR01-5-S8-1024-R2 Datasheet (PDF) - Solid State Supplies.

DEVR01-5-S8-1024-R2 Datasheet PDF - Solid State Supplies.
Part # DEVR01-5-S8-1024-R2
Download  DEVR01-5-S8-1024-R2 Download
File Size   540.27 Kbytes
Page   2 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description HVDC Contactor 10A / 1000VDC

DEVR01-5-S8-1024-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DEVR01-5-S8-1024-R2 Datasheet PDF - Solid State Supplies.

Part # DEVR01-5-S8-1024-R2
Download  DEVR01-5-S8-1024-R2 Click to download

File Size   540.27 Kbytes
Page   2 Pages
Manufacturer  DURAKOOL [Solid State Supplies.]
Direct Link  https://www.durakool.com/
Logo DURAKOOL - Solid State Supplies.
Description HVDC Contactor 10A / 1000VDC

DEVR01-5-S8-1024-R2 Datasheet (HTML) - Solid State Supplies.


DEVR01-5-S8-1024-R2 Product details

• HVDC 10A at 1000VDC
• Max. switching current = 300A
• Contacts sealed in inert gas
• Magnet arc blowout
• Pre-charge relay
• Female M4 power terminals
• Non-polarised (bi-directional) design




Similar Part No. - DEVR01-5-S8-1024-R2

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DEVR03-5081-S8-1012-R1 DURAKOOL-DEVR03-5081-S8-1012-R1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-R2 DURAKOOL-DEVR03-5081-S8-1012-R2 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-T1 DURAKOOL-DEVR03-5081-S8-1012-T1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1012-T2 DURAKOOL-DEVR03-5081-S8-1012-T2 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
DEVR03-5081-S8-1024-R1 DURAKOOL-DEVR03-5081-S8-1024-R1 Datasheet
833Kb / 2P
HVDC Contactor 30A / 1000VDC
More results


Similar Description - DEVR01-5-S8-1024-R2

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
MA-XD-3W MICRODC-MA-XD-3W Datasheet
961Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
MA-XD-6W MICRODC-MA-XD-6W Datasheet
862Kb / 2P
1000VDC Isolated 6WDual&single output DIP24 Converters
MB0505XD-3W MICRODC-MB0505XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
logo
List of Unclassifed Man...
EFRG-P2657H ETC2-EFRG-P2657H Datasheet
336Kb / 2P
1U HVDC 650W Server Power Supply
logo
Murata Power Solutions ...
D1U54-HD-1200-12-HA4C MURATA-PS-D1U54-HD-1200-12-HA4C Datasheet
452Kb / 8P
54mm 1U Front End HVDC Power Supply Converter
logo
Cooper Bussmann, Inc.
PV-1A10F COOPER-PV-1A10F Datasheet
909Kb / 6P
10x38mm photovoltaic fuses 1000Vdc, 1-30A
logo
Soshin electric Co., Lt...
HF2000E-SJB SOSHIN-HF2000E-SJB Datasheet
390Kb / 4P
DC 1000VDC
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
DC 1000VDC For DC line, large solar panel
logo
XP Power Limited
HRL30 XPPOWER-HRL30 Datasheet
431Kb / 6P
DC-HVDC Converter
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com