Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF202S-HF Datasheet (PDF) - Comchip Technology

DF202S-HF Datasheet PDF - Comchip Technology
Part # DF202S-HF
Download  DF202S-HF Download
File Size   460.36 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Glass Passivated Bridge Rectifiers

DF202S-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
DF202S-HF Datasheet PDF - Comchip Technology

Part # DF202S-HF
Download  DF202S-HF Click to download

File Size   460.36 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Glass Passivated Bridge Rectifiers

DF202S-HF Datasheet (HTML) - Comchip Technology


DF202S-HF Product details

Features
- The plastic package carries underwriters
laboratory flammability classification 94V-0.
- Idea for printed circuit board.
- Glass passivated junction chip.
- Low reverse leakage.
- High forward surge current capability.
- High temperature soldering guaranteed
260°C/10 seconds at terminals.




Similar Part No. - DF202S-HF

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF202S DIOTECH-DF202S Datasheet
983Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DF202S SECOS-DF202S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
DF202S PACELEADER-DF202S Datasheet
193Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
DF202S THINKISEMI-DF202S Datasheet
1Mb / 2P
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF202S FS-DF202S Datasheet
479Kb / 2P
Bridge Rectifier
More results


Similar Description - DF202S-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
SMD Glass Passivated Bridge Rectifiers
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com