Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBA0204 Datasheet (PDF) - List of Unclassifed Manufacturers

MBA0204 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBA0204
Download  MBA0204 Download
File Size   904.94 Kbytes
Page   16 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Professional leaded resistors

MBA0204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBA0204 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBA0204
Download  MBA0204 Click to download

File Size   904.94 Kbytes
Page   16 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Professional leaded resistors

MBA0204 Datasheet (HTML) - List of Unclassifed Manufacturers


MBA0204 Product details

[BC COMPONETNTS]

DESCRIPTION
MBA 0204, MBB 0207 and MBE 0414 professional leaded thin film resistors are the general purpose resistor for all fields of professional electronics where reliability and stability is of major concern. Typical applications include industrial, telecommunication and medical equipment.

FEATURES
• Advanced thin film technology
• Power dissipation rating up to 1 W
• Excellent overall stability: class 0,25
• Wide professional range: 0,22 Ω to 22 MΩ
• Green product, supports lead-free soldering.

APPLICATIONS
• Industrial
• Telecommunication
• Medical equipment.




Similar Part No. - MBA0204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
Lead (Pb)-Free Precision Leaded Resistors
20-Sep-05
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
948Kb / 16P
MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
More results


Similar Description - MBA0204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
Professional leaded resistors
logo
Vishay Siliconix
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
Professional Thin Film Leaded Resistors
17-Aug-11
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
Professional Thin Film Leaded Resistors
03-Dec-12
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com