Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL6012 Datasheet (PDF) - XLSEMI

XL6012 Datasheet PDF - XLSEMI
Part # XL6012
Download  XL6012 Download
File Size   461.25 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 180KHz 60V 5A Switching Current Boost DC/DC Converter

XL6012 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL6012 Datasheet PDF - XLSEMI

Part # XL6012
Download  XL6012 Click to download

File Size   461.25 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 180KHz 60V 5A Switching Current Boost DC/DC Converter

XL6012 Datasheet (HTML) - XLSEMI


XL6012 Product details

Features
 Wide 5V to 40V Input Voltage Range
 Maximum Boost Output Up to 60V
 Current Mode Control Provides Excellent
Transient Response
 1.25V reference adjustable version
 Fixed 180KHz Switching Frequency
 Maximum 5A Switching Current
 SW PIN Built in Over Voltage Protection
 Excellent line and load regulation
 EN PIN TTL shutdown capability
 Internal Optimize Power MOSFET
 High efficiency up to 94%
 Built in Frequency Compensation
 Built in Soft-Start Function
 Built in Thermal Shutdown Function
 Built in Current Limit Function
 Available in TO220-5L package

Applications
 EPC / Notebook Car Adapter
 Automotive and Industrial Boost /
Buck-Boost / Inverting Converters
 Portable Electronic Equipment

General Description
The XL6012 regulator is a wide input range,
current mode, DC/DC converter which is can
be configured as either a boost, flyback,
SEPIC or inverting converter. The XL6012
built in high voltage N-channel power
MOSFET and fixed frequency oscillator,
current-mode architecture results in stable
operation over a wide range of supply and
output voltages.
The XL6012 regulator is special design for
portable electronic equipment applications.




Similar Part No. - XL6012

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6012 XLSEMI-XL6012 Datasheet
443Kb / 14P
180KHz 60V 5A Switching Current Boost DC/DC Converter
More results


Similar Description - XL6012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL6006 ETC2-XL6006 Datasheet
175Kb / 10P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6012 XLSEMI-XL6012 Datasheet
443Kb / 14P
180KHz 60V 5A Switching Current Boost DC/DC Converter
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6006 XLSEMI-XL6006 Datasheet
304Kb / 11P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com