Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100P10PT Datasheet (PDF) - A POWER MICROELECTRONICS

AP100P10PT Datasheet PDF - A POWER MICROELECTRONICS
Part # AP100P10PT
Download  AP100P10PT Download
File Size   1409.25 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -95V P-Channel Enhancement Mode MOSFET

AP100P10PT Datasheet (PDF)

Go To PDF Page Download Datasheet
AP100P10PT Datasheet PDF - A POWER MICROELECTRONICS

Part # AP100P10PT
Download  AP100P10PT Click to download

File Size   1409.25 Kbytes
Page   8 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -95V P-Channel Enhancement Mode MOSFET

AP100P10PT Datasheet (HTML) - A POWER MICROELECTRONICS


AP100P10PT Product details

Features
- VDS = -95V ID =-100A
- RDS(ON) <16mΩ @ VGS=10V (Type:12mΩ)

Applications
- Brushless motor
- Load switch
- Uninterruptible power supply




Similar Part No. - AP100P10PT

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100P10D APME-AP100P10D Datasheet
1Mb / 7P
-95V P-Channel Enhancement Mode MOSFET
REV1.0
AP100P10NF APME-AP100P10NF Datasheet
1Mb / 7P
-95V P-Channel Enhancement Mode MOSFET
REV1.0
More results


Similar Description - AP100P10PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com