Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F200B Datasheet (PDF) - STMicroelectronics

M29F200B Datasheet PDF - STMicroelectronics
Part # M29F200B
Download  M29F200B Download
File Size   224.94 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory

M29F200B Datasheet (PDF)

Go To PDF Page Download Datasheet
M29F200B Datasheet PDF - STMicroelectronics

Part # M29F200B
Download  M29F200B Click to download

File Size   224.94 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory

M29F200B Datasheet (HTML) - STMicroelectronics


M29F200B Product details

DESCRIPTION
The M29F200 is a non-volatile memory that may be erased electrically at the block or chip level and programmedin-system ona Byte-by-Byteor Word by-Word basis using only a single 5V VCC supply. For Program and Erase operations the necessary high voltages are generated internally. The device can also be programmed in standard programmers.

■ 5V±10% SUPPLY VOLTAGE for PROGRAM, ERASE and READ OPERATIONS
■ FAST ACCESS TIME: 55ns
■ FAST PROGRAMMING TIME
   – 10µs by Byte / 16µs by Word typical
■ PROGRAM/ERASE CONTROLLER (P/E.C.)
   – Program Byte-by-Byte or Word-by-Word
   – Status Register bits and Ready/Busy Output
■ MEMORY BLOCKS
   – Boot Block (Top or Bottom location)
   – Parameter and Main blocks
■ BLOCK, MULTI-BLOCK and CHIP ERASE
■ MULTI-BLOCK PROTECTION/TEMPORARY UNPROTECTION MODES
■ ERASE SUSPEND and RESUME MODES
   – Read and Program another Block during Erase Suspend
■ LOW POWER CONSUMPTION
   – Stand-byand Automatic Stand-by
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ 20 YEARS DATARETENTION
   – Defectivity below 1ppm/year
■ ELECTRONIC SIGNATURE
   – ManufacturerCode: 0020h
   – Device Code, M29F200T: 00D3h
   – Device Code, M29F200B: 00D4h




Similar Part No. - M29F200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F200BB STMICROELECTRONICS-M29F200BB Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
logo
Micron Technology
M29F200BB MICRON-M29F200BB Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200BB45M1T STMICROELECTRONICS-M29F200BB45M1T Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200BB45M3T STMICROELECTRONICS-M29F200BB45M3T Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200BB45M6T STMICROELECTRONICS-M29F200BB45M6T Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
More results


Similar Description - M29F200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002BT STMICROELECTRONICS-M29F002BT Datasheet
189Kb / 22P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
22-Apr-2002
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W200BT STMICROELECTRONICS-M29W200BT Datasheet
503Kb / 22P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
19-Sep-2005
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com