Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP120N09P Datasheet (PDF) - A POWER MICROELECTRONICS

AP120N09P Datasheet PDF - A POWER MICROELECTRONICS
Part # AP120N09P
Download  AP120N09P Download
File Size   1519.48 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 90V N-Channel Enhancement Mode MOSFET

AP120N09P Datasheet (PDF)

Go To PDF Page Download Datasheet
AP120N09P Datasheet PDF - A POWER MICROELECTRONICS

Part # AP120N09P
Download  AP120N09P Click to download

File Size   1519.48 Kbytes
Page   6 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 90V N-Channel Enhancement Mode MOSFET

AP120N09P Datasheet (HTML) - A POWER MICROELECTRONICS


AP120N09P Product details

Features
- VDS = 90V ID =120A
- RDS(ON) < 5.2mΩ VGS=10V (Type:4.0mΩ)

Applications
- Battery protection
- Load switch
- Uninterruptible power supply




Similar Part No. - AP120N09P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP120N02BD APME-AP120N02BD Datasheet
755Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
AP120N02D APME-AP120N02D Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
AP120N03BD APME-AP120N03BD Datasheet
846Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP120N03BNF APME-AP120N03BNF Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP120N03D APME-AP120N03D Datasheet
1Mb / 7P
30V N-Channel Enhancement Mode MOSFET
More results


Similar Description - AP120N09P

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com