Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617AGL-P Datasheet (PDF) - Monolithic Power Systems

MP2617AGL-P Datasheet PDF - Monolithic Power Systems
Part # MP2617AGL-P
Download  MP2617AGL-P Download
File Size   1886.26 Kbytes
Page   33 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery

MP2617AGL-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2617AGL-P Datasheet PDF - Monolithic Power Systems

Part # MP2617AGL-P
Download  MP2617AGL-P Click to download

File Size   1886.26 Kbytes
Page   33 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery

MP2617AGL-P Datasheet (HTML) - Monolithic Power Systems


MP2617AGL-P Product details

DESCRIPTION
The MP2617A / MP2617B is a monolithic switch mode battery charger with power path management for single-cell Li-ion batteries in a wide range of tablet and other portable devices. It integrates a synchronous BUCK regulator to provide regulated voltage for powering the system output and at the same time charging the battery. This device supports both USB and high power DC adapter input. In USB mode, the input current limit can be programmed to 450mA or 825mA via the logic pins to cover the USB2.0 and USB3.0 specifications. When the adapter input is present, the input current can also be limited in order to avoid overloading of the DC adapter. Input current limit can be programmed up to 3A.
The smart power path management allows MP2617A and MP2617B to regulate the system voltage for powering an external load and charging the battery independently and simultaneously. This allows immediate system operation even under missing or deeply discharged battery. When the input current limit is reached, the system load is satisfied in priority, then the charger will take the remaining current to charge the battery. Additionally, the smart power path control allows an internal connection from battery to the system in order to supplement additional power to the load in the event the system power demand increases over the input limited power or the input is removed.
The MP2617A / MP2617B features high integration with all the power switches integrate inside. No external MOSFET, blocking diodes, or current sense resistor is required.
Two status monitor output pins are provided to indicate the battery charge status and power source status. Other features include trickle charge, battery temperature monitoring, timer and thermal limiting regulation on chip.
The MP2617A / MP2617B is available in QFN 3mmx4mm package.

FEATURES
 4V to 10V Operating Input Voltage
 Smart Power Path Management
 Five Control Loops: Input Current Limit, Input Voltage Limit, Constant Charge Current, Terminal Battery Control and Thermal Fold-Back.
 1.6MHz Switching Frequency
 Programmable Input Current Limit
 Programmable Charge Current
 Single Input for USB and AC adapter
 Cover USB2.0 and USB3.0 Input Specification
 Fully Integrated Power Switches
 No External Blocking Diode and Sense Resistor Required
 Charging Operation Indicator
 Built-in Programmable Charging Timer
 Thermal Limiting Regulation on Chip
 Battery Temperature Monitor
 Tiny Package Features Small Size.

APPLICATIONS
 Smart Phone
 E-Book
 GPS
 Portable Media Player
 Portable Hand-held Solution
 Tablet PC




Similar Part No. - MP2617AGL-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617AGL MPS-MP2617AGL Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
More results


Similar Description - MP2617AGL-P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com