Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB32S-G Datasheet (PDF) - Comchip Technology

KMB32S-G Datasheet PDF - Comchip Technology
Part # KMB32S-G
Download  KMB32S-G Download
File Size   469.36 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Bridge Rectifiers

KMB32S-G Datasheet (PDF)

Go To PDF Page Download Datasheet
KMB32S-G Datasheet PDF - Comchip Technology

Part # KMB32S-G
Download  KMB32S-G Click to download

File Size   469.36 Kbytes
Page   4 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Bridge Rectifiers

KMB32S-G Datasheet (HTML) - Comchip Technology


KMB32S-G Product details

Features
- Schottky brrier chip.
- Low power loss, high efficiency.
- Ideally suited for automatic assembly.
- Surge overload rating to 80A peak.
- Plastic case material has UL flammability
- classification rating 94V-0.




Similar Part No. - KMB32S-G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
logo
Zibo Seno Electronic En...
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
KMB32S SHUNYE-KMB32S Datasheet
1Mb / 2P
S I N GLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 3.0 SCHOTTKY
V2.22
More results


Similar Description - KMB32S-G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBS104 SECOS-MBS104 Datasheet
284Kb / 2P
Miniature SMD Glass Schottky Bridge Rectifiers
logo
Comchip Technology
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MBS104 SECOS-MBS104_15 Datasheet
284Kb / 2P
Miniature SMD Glass Schottky Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com